Part Number Hot Search : 
2N5301 SF202 IRF521 BZT52 PM6675S 1N5247 C4532 F455B
Product Description
Full Text Search
 

To Download DO2010-473ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 413-1
SMT Power Inductors - DO2010 Series
* Smallest power inductor, only 2 mm square and 1 mm high * Can handle up to 0.51 A of saturating current
Designer's Kit C399 contains 5 of each part Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant matte tin over nickel over silverplatinum-glass frit. Other terminations available at additional cost. Weight 11 mg Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 1000/7reel; 3500/13 reel Plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing, 1.19 mm pocket depth PCB washing Only pure water or alcohol recommended
Inductance DCR SRF 20%2 max3 typ4 Part number1 (H) (Ohms) (MHz) DO2010-123ML_ 12 1.84 35 DO2010-153ML_ 15 2.14 30 DO2010-223ML_ 22 2.80 25 DO2010-333ML_ 33 4.10 20 DO2010-473ML_ 47 6.00 16 DO2010-683ML_ 68 8.80 13 DO2010-104ML_ 100 15.7 11 DO2010-224ML_ 220 38.0 8.0
Isat5 (A) 0.51 0.47 0.42 0.34 0.28 0.23 0.18 0.10
Irms6 (A) 0.39 0.36 0.32 0.25 0.21 0.16 0.13 0.08
0.079 0.008 2,0 0,2
0.079 0.008 2,0 0,2
1. When ordering, please specify termination and packaging codes: DO2010-123MLC Termination: L = RoHS compliant matte tin over nickel over silverplatinum-glass frit Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (1000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (3500 parts per full reel). 2. Inductance tested at 100 kHz, 0.1 Vrms. 3. DCR measured on a micro-ohmmeter. 4. SRF measured using Agilent/HP 4191A or equivalent. 5. DC current at which the inductance drops 10% (typ) from its value without current. 6. Current that causes a 40C temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
0.039 0.004 1,0 0,1
Recommended Land Pattern
0.035 0,89
0.087 2,20
0.026 0,65
inches mm
0.063 1,60
Dimensions are in
Specifications subject to change without notice. Please check our website for latest information.
Document 413-1
Revised 08/11/09
(c) Coilcraft, Inc. 2009
Document 413-2
SMT Power Inductors - DO2010 Series
Typical L vs Current
1000
Typical L vs Frequency
1000
100 H
100
100 H 47 H 22 H
100
47 H 22 H
10
12 H
10
12 H
1 0.01 0.1 1 10
1 0.01 0.1 1 10
Current (A)
Frequency (MHz)
Typical Current Derating
120 110
Percent of rated current
100 90 80 70 60 50 40 20 10 0 -40 -20
Isat Irms 0 20
25C
40
30
60
80
100
120 140
Ambient temperature (C)
Specifications subject to change without notice. Please check our website for latest information.
Document 413-2
Revised 08/11/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of DO2010-473ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X